Part Number Hot Search : 
NTE894SM 3362UA SB112 AM9G450 GU6679 G511016 17CXTB NJM2571A
Product Description
Full Text Search
 

To Download IDT7016L20PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ?2002 integrated device technology, inc.    dsc 3190/8 i/o control address decoder memory array arbitration interrupt semaphore logic address decoder i/o control r/ w l ce l oe l busy l a 13l a 0l 3190 drw 01 i/o 0l -i/o 8l ce l oe l r/ w l sem l int l m/ s busy r a 13r a 0r sem r int r ce r oe r (2) (1,2) (2) r/ w r ce r oe r r/ w r 14 14 i/o 0r -i/o 8r (1,2)
    idt7016 easily expands data bus width to 18 bits or more using the master/slave select when cascading more than one device  m/ s = v ih for busy output flag on master m/ s = v il for busy input on slave  busy and interrupt flag  on-chip port arbitration logic  full on-chip hardware support of semaphore signaling between ports  fully asynchronous operation from either port  ttl-compatible, single 5v (10%) power supply  available in ceramic 68-pin pga, 68-pin plcc, and an 80- pin tqfp  industrial temperature range (?40c to +85c) is available for selected speeds
   true dual-ported memory cells which allow simultaneous reads of the same memory location  high-speed access ? commercial:12/15/20/25/35ns (max.) ? industrial: 20ns (max.) ? military: 20/25/35ns (max.)  low-power operation ? idt7016s active: 750mw (typ.) standby: 5mw (typ.) ? idt7016l active: 750mw (typ.) standby: 1mw (typ.) high-speed 16k x 9 dual-port static ram idt7016s/l notes: 1. in master mode: busy is an output and is a push-pull driver in slave mode: busy is input. 2. busy outputs and int outputs are non-tri-stated push-pull drivers.
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 2 3190 drw 02 12 13 14 15 16 17 18 index 19 20 21 22 987 6543 2168676665 27 28 29 30 31 32 33 34 35 36 37 38 39 v c c v cc i/o 1r i/o 2r i/o 3r i/o 4r int l gnd a 4l a 3l a 2l a 1l a 0l a 3r a 0r a 1r a 2r i/o 2l a 5l 11 10 m/ s 23 24 25 26 40 41 42 43 58 57 56 55 54 53 52 51 50 49 48 59 60 47 46 45 44 64 63 62 61 i/o 3l gnd i/o 0r v cc a 4r busy l gnd busy r int r a 1 2 r i / o 7 r i / o 8 r g n d o e r r / w r s e m r c e r o e l c e l i / o 8 l i / o 0 l i / o 1 l idt7016j j68-1 (4) 68-pin plcc top view (5) i/o 4l i/o 5l i/o 6l i/o 7l i/o 5r i/o 6r n / c a 1 2 l n / c a 1 1 r a 1 0 r a 9 r a 8 r a 7 r a 6 r a 5 r a 1 1 l a 1 0 l a 9 l a 8 l a 7 l a 6 l a 1 3 r s e m l r / w l a 1 3 l , 11/19/01   the idt7016 is a high-speed 16k x 9 dual-port static ram. the idt7016 is designed to be used as stand-alone dual-port rams or as a combination master/slave dual-port ram for 18-bit-or-more wider systems. using the idt master/slave dual-port ram approach in 18- bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic. this device provides two independent ports with separate control, address, and i/o pins that permit independent, asynchronous access for reads or writes to any location in memory. an automatic power down feature controlled by ce permits the on-chip circuitry of each port to enter a very low standby power mode. fabricated using idt?s cmos high-performance technology, these devices typically operate on only 750mw of power. the idt7016 is packaged in a ceramic 68-pin pga, a 64-pin plcc and an 80-pintqfp (thin quad flatpack). military grade product is manufactured in compliance with the latest revision of mil-prf-38535 qml, making it ideally suited to military temperature applications demand- ing the highest level of performance and reliability.       !!"# notes: 1. all v cc pins must be connected to power supply. 2. all gnd pins must be connected to ground supply. 3. package body is approximately .95 in x .95 in x .17 in. 4. this package code is used to reference the package diagram. 5. this text does not imply orientation of part-marking.  $ %# left port right port names ce l ce r chip enable r/ w l r/ w r read/write enable oe l oe r output enable a 0l - a 13l a 0r - a 13r address i/o 0l - i/o 8l i/o 0r - i/o 8r data input/output sem l sem r semaphore enable int l int r interrupt flag busy l busy r busy flag m/ s master or slave select v cc power gnd ground 3190 tbl 01
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 3       !!"#    &'# index idt7016pf pn80-1 (4) 80-pin tqfp top view (5) 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 58 57 56 55 54 53 52 51 50 49 48 47 46 59 60 45 6 5 6 6 6 7 6 8 7 9 7 8 7 7 7 6 7 5 7 4 7 3 7 2 7 1 7 0 6 9 8 0 i/o 2l gnd gnd a 4r busy l busy r int r int l gnd m/ s o e l n c r / w l c e l s e m l v c c n c o e r c e r r / w r s e m r g n d i/o 3l i/o 4l i/o 5l i/o 6l i/o 7l i/o 0r i/o 1r i/o 2r v cc i/o 3r i/o 4r i/o 5r i / o 8 r a 1 2 r a 1 1 r a 1 0 r a 9 r a 3r a 2r a 1r a 0r a 0l a 1l a 2l a 3l a 4l a 6 l a 7 l a 8 l a 9 l a 1 0 l a 1 1 l a 1 2 l i / o 0 l 17 18 19 20 i/o 6r i / o 7 r nc v cc 2 3 2 4 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5 4 0 3 9 3 8 3 7 a 8 r a 7 r a 6 r n c 44 43 42 41 nc a 5l nc 6 1 6 2 6 3 6 4 i / o 8 l i / o 1 l 3190 drw 03 n c n c n c n c nc a 5 r nc nc n c 2 1 2 2 a 1 3 l a 1 3 r 11/19/01 3190 drw 04 51 50 48 46 44 42 40 38 36 53 55 57 59 61 63 65 67 68 66 13579 11 13 15 20 22 24 26 28 30 32 35 abcdefgh jk l 47 45 43 41 34 21 23 25 27 29 31 33 246810121416 18 19 17 56 58 60 62 64 11 10 09 08 07 06 05 04 03 02 01 52 54 49 39 37 a 5l int l n/c sem l ce l v cc oe l r/ w l i/o 0l i/o 8l gnd gnd i/o 0r v cc i/o 8r oe r r/ w r sem r ce r gnd busy r busy l m/ sint r n/c gnd a 1r index a 4l a 2l a 0l a 3r a 2r a 4r a 5r a 7r a 6r a 9r a 8r a 11r a 10r a 12r a 0r a 7l a 6l a 3l a 1l a 9l a 8l a 11l a 10l a 12l v cc i/o 2r i/o 3r i/o 5r i/o 6r i/o 1r i/o 4r i/o 7r i/o 1l i/o 2l i/o 4l i/o 7l i/o 3l i/o 5l i/o 6l a 13l a 13r idt7016g g68-1 (4) 68-pin pga top view (5) , 11/19/01 notes: 1. all v cc pins must be connected to power supply. 2. all gnd pins must be connected to ground supply. 3. pn80-1 package body is approximately 14mm x 14mm x 1.4mm. g68-1 package body is approximately 1.18 in x 1.18 in x .16 in. 4. this package code is used to reference the package diagram. 5. this text does not indicate orientation of the actual part-marking.
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 4   (()   (  *+ )  ,  (- ./  # , 0,1223-0(45   # 1 *+    # , 0,123 6   (45  note: 1. there are eight semaphore flags written to via i/o 0 and read from all i/o s (i/o 0 -i/o 8 ). these eight semaphores are addressed by a 0 - a 2. note: 1. condition: a 0l ? a 13l a 0r ? a 13r notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v term must not exceed vcc + 10% for more than 25% of the cycle time or 10ns maximum, and is limited to < 20ma for the period of v term > vcc + 10%. notes: 1. this is the parameter t a . this is the "instant on" case temperature. notes: 1. v il > -1.5v for pulse width less than 10ns. 2. v term must not exceed vcc + 10%. inputs (1 ) outputs mode ce r/ w oe sem i/o 0-8 h x x h high-z deselcted: power-down llxhdata in write to memory lhlhdata out read memory x x h x high-z outputs disabled 3190 tbl 02 inputs outputs mode ce r/ w oe sem i/o 0-8 hhl ldata out read semaphore flag data out (i/o 0 - i/o 8 ) h xldata in write i/o 0 into semaphore flag lxxl ____ not allowed 3190 tbl 03 symbol rating commercial & industrial military unit v te rm (2 ) terminal voltage with respect to gnd -0.5 to +7.0 -0.5 to +7.0 v t bias temperature under bias -55 to +125 -65 to +135 o c t stg storage temperature -65 to +150 -65 to +150 o c i out dc output current 50 50 ma 3190 tbl 04 grade ambient temperature gnd vcc military -55 o c to +125 o c0v5.0v + 10% commercial 0 o c to +70 o c0v5.0v + 10% industrial -40 o c to +85 o c0v5.0v + 10% 3190 tbl 05 symbol parameter min. typ. max. unit v cc supply voltage 4.5 5.0 5.5 v gnd ground 0 0 0 v v ih inp ut high vo ltage 2.2 ____ 6.0 (2 ) v v il input low voltage -0.5 (1 ) ____ 0.8 v 3190 tbl 06
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 5 7  0  )80 ) ,  (- ./  /  9:' /; <# note: 1. at vcc < 2.0v, input leakages are undefined.     # ,  9=:>!9 ' 0?!,@
)a# notes: 1. this parameter is determined by device characteristics but is not production tested. 2. 3dv references the interpolated capacitance when the input and output signals switch from 0v to 3v or from 3v to 0v . )  a( (,  (  figure 1. ac output test load figure 2. output test load (for t lz , t hz , t wz , t ow ) *including scope and jig. 3190 drw 06 893 ? 30pf 347 ? 5v data out busy int 893 ? 5pf* 347 ? 5v data out , symbol parameter conditions (2) max. unit c in input capacitance v in = 3dv 9 pf c out output capacitance v out = 3dv 10 pf 3190 tbl 07 symbol parameter test conditions 7016s 7016l unit min. max. min. max. |i li | input leakage current (1 ) v cc = 5.5v, v in = 0v to v cc ___ 10 ___ 5a |i lo | output leakage current ce = v ih , v out = 0v to v cc ___ 10 ___ 5a v ol output low voltage i ol = +4ma ___ 0.4 ___ 0.4 v v oh output high voltage i oh = -4ma 2.4 ___ 2.4 ___ v 3190 tbl 08 input pulse levels input rise/fall times input timing reference levels output reference levels output load gnd to 3.0v 3ns max. 1.5v 1.5v figures 1 and 2 3190 tbl 09
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 6 7  0  )80)  ,  (- ./   #    &'# /  9:' /; <# notes: 1. 'x' in part numbers indicates power rating (s or l) 2. v cc = 5v, t a = +25 c, and are not production tested. i ccdc = 120ma(typ.) 3. at f = f max , address and i/os are cycling at the maximum frequency read cycle of 1/t rc . 4. f = 0 means no address or control lines change. 5. port "a" may be either left or right port. port "b" is the opposite of port "a". 7016x12 com'l only 7016x15 com'l only symbol parameter test condition version typ. (2) max. typ. (2) max. unit i cc dynamic operating current (both ports active) ce = v il , outputs disabled sem = v ih f = f max (3) com'l s l 170 170 325 275 170 170 310 260 ma mil & ind s l ____ ____ ____ ____ ____ ____ ____ ____ i sb1 standby current (both ports - ttl level inputs) ce r = ce l = v ih sem r = sem l = v ih f = f max (3) com'l s l 25 25 70 60 25 25 60 50 ma mil & ind s l ____ ____ ____ ____ ____ ____ ____ ____ i sb2 standby current (one port - ttl level inputs) ce "a" = v il and ce "b" = v ih (5) active port outputs disabled, f=f max (3) sem r = sem l = v ih com'l s l 105 105 200 170 105 105 190 160 ma mil & ind s l ____ ____ ____ ____ ____ ____ ____ ____ i sb3 full standby current (both ports - all cmos level inputs) both ports ce l and ce r > v cc - 0.2v v in > v cc - 0.2v or v in < 0.2v, f = 0 (4) sem r = sem l > v cc - 0.2v com'l s l 1.0 0.2 15 5 1.0 0.2 15 5 ma mil & ind s l ____ ____ ____ ____ ____ ____ ____ ____ i sb4 full standby current (one port - all cmos level inputs) ce "a" < 0.2v and ce "b" > v cc - 0.2v (5) sem r = sem l > v cc - 0.2v v in > v cc - 0.2v or v in < 0.2v active port outputs disabled f = f max (3) com'l s l 100 100 180 150 100 100 170 140 ma mil & ind s l ____ ____ ____ ____ ____ ____ ____ ____ 3190 tbl 10 7016x20 com'l, ind & military 7016x25 com'l & military 7016x35 com'l & military symbol parameter test condition version typ. (2) max. typ. (2) max. typ. (2) max. unit i cc dynamic operating current (both ports active) ce = v il , outputs disabled sem = v ih f = f max (3) com'l s l 160 160 290 240 155 155 265 220 150 150 250 210 ma mil & ind s l 160 160 380 310 155 155 340 280 150 150 300 250 i sb1 standby current (both ports - ttl leve l inp uts) ce r = ce l = v ih sem r = sem l = v ih f = f max (3) com'l s l 20 20 60 50 16 16 60 50 13 13 60 50 ma mil & ind s l 20 20 80 65 16 16 80 65 13 13 80 65 i sb2 standby current (one port - ttl leve l inp uts) ce "a" = v il and ce "b" = v ih (5) active port outp uts disab le d, f=f max (3) sem r = sem l = v ih com'l s l 95 95 180 150 90 90 170 140 85 85 155 130 ma mil & ind s l 95 95 240 210 90 90 215 180 85 85 190 160 i sb3 full standby current (both ports - all cmos leve l inp uts) both ports ce l and ce r > v cc - 0.2v v in > v cc - 0.2v or v in < 0.2v, f = 0 (4) sem r = sem l > v cc - 0.2v com'l s l 1.0 0.2 15 5 1.0 0.2 15 5 1.0 0.2 15 5 ma mil & ind s l 1.0 0.2 30 10 1.0 0.2 30 10 1.0 0.2 30 10 i sb4 full standby current (one po rt - all cmos level inp uts) ce "a" < 0.2v and ce "b" > v cc - 0.2v (5) sem r = sem l > v cc - 0.2v v in > v cc - 0.2v or v in < 0.2v active port outputs disabled f = f max (3) com'l s l 90 90 155 130 85 85 145 120 80 80 135 110 ma mil & ind s l 90 90 230 200 85 85 200 170 80 80 175 150 3190 tbl 11
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 7 7  0  )80 ) ,  (- ./  b# notes: 1. transition is measured 0mv from low- or high-impedance voltage with output test load (figure 2). 2. this parameter is guaranteed by device characterization but not production tested. 3. to access ram, ce = v il and sem = v ih . to access semaphore, ce = v ih and sem = v il . 4. 'x' in part numbers indicates power rating (s or l). 7016x12 com'l only 7016x15 com'l only unit symbol parameter min. max. min. max. read cycle t rc read cycle time 12 ____ 15 ____ ns t aa address access time ____ 12 ____ 15 ns t ace chip enable access time (3 ) ____ 12 ____ 15 ns t aoe output enable access time ____ 8 ____ 10 ns t oh output hold from address change 3 ____ 3 ____ ns t lz output low-z time (1,2) 3 ____ 3 ____ ns t hz output high-z time (1,2) ____ 10 ____ 10 ns t pu chip enable to power up time (2 ) 0 ____ 0 ____ ns t pd chip disable to power down time (2 ) ____ 12 ____ 15 ns t sop semaphore flag update pulse ( oe or sem )10 ____ 10 ____ ns t saa semaphore address access time ____ 12 ____ 15 ns 3190 tbl 12 a 7016x20 com'l, ind & military 7016x25 com'l & military 7016x35 com'l & military unit symbol parameter min. max. min. max. min. max. read cycle t rc read cycle time 20 ____ 25 ____ 35 ____ ns t aa address access time ____ 20 ____ 25 ____ 35 ns t ace chip enable access time (3 ) ____ 20 ____ 25 ____ 35 ns t aoe output enable access time ____ 12 ____ 13 ____ 20 ns t oh output hold from address change 3 ____ 3 ____ 3 ____ ns t lz output low-z time (1,2) 3 ____ 3 ____ 3 ____ ns t hz output high-z time (1,2) ____ 12 ____ 15 ____ 20 ns t pu chip enable to power up time (2 ) 0 ____ 0 ____ 0 ____ ns t pd chip disable to power down time (2 ) ____ 20 ____ 25 ____ 35 ns t sop semaphore flag update pulse ( oe or sem )10 ____ 10 ____ 10 ____ ns t saa semaphore address access time ____ 20 ____ 25 ____ 35 ns 3190 tbl 12b
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 8 t rc r/ w ce addr t aa oe 3190 drw 07 (4) t ace (4) t aoe (4) (1) t lz t oh (2) t hz (3,4) t bdd data out busy out valid data (4) 58(.  :# notes: 1. timing depends on which signal is asserted last, oe or ce . 2. timing depends on which signal is de-asserted first, ce or oe . 3. t bdd delay is required only in cases where the opposite port is completing a write operation to the same address location. for simu ltaneous read operations busy has no relation to valid output data. 4. start of valid data depends on which timing becomes effective last: t aoe , t ace , t aa or t bdd . 5. sem = v ih . , c64c6c ce 3190 drw 08 t pu i cc i sb t pd 50% 50% ,
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 9 notes: 1. transition is measured 0mv from low or high-impedance voltage with the output test load (figure 2). 2. this parameter is guaranteed by device characterization but not production tested. 3. to access ram, ce = v il and sem = v ih . to access semaphore, ce = v ih and sem = v il . either condition must be valid for the entire t ew time. 4. the specification for t dh must be met by the device supplying write data to the ram under all operating conditions. although t dh and t ow values will vary over voltage and temperature, the actual t dh will always be smaller than the actual t ow . 5. 'x' in part numbers indicates power rating (s or l). 7  0  )80 ) ,  (- ./ :# symbol parameter 7016x12 com'l only 7016x15 com'l only unit min. max. min. max. write cycle t wc write cycle time 12 ____ 15 ____ ns t ew chip enable to end-of-write (3 ) 10 ____ 12 ____ ns t aw address valid to end-of-write 10 ____ 12 ____ ns t as address set-up time (3 ) 0 ____ 0 ____ ns t wp write pulse width 10 ____ 12 ____ ns t wr write recovery time 2 ____ 2 ____ ns t dw data valid to end-of-write 10 ____ 10 ____ ns t hz output high-z time (1,2) ____ 10 ____ 10 ns t dh data hold time (4 ) 0 ____ 0 ____ ns t wz w rite enable to output in high-z (1,2) ____ 10 ____ 10 ns t ow outp ut a ctive fro m end -o f-write (1 , 2 ,4 ) 3 ____ 3 ____ ns t swrd sem flag write to re ad time 5 ____ 5 ____ ns t sps sem flag contention window 5 ____ 5 ____ ns 3190 tbl 13 a symbol parameter 7016x20 com'l, ind & military 7016x25 com'l & military 7016x35 com'l & military unit min. max. min. max. min. max. write cycle t wc write cycle time 20 ____ 25 ____ 35 ____ ns t ew chip enable to end-of-write (3 ) 15 ____ 20 ____ 30 ____ ns t aw address valid to end-of-write 15 ____ 20 ____ 30 ____ ns t as address set-up time (3 ) 0 ____ 0 ____ 0 ____ ns t wp write pulse width 15 ____ 20 ____ 25 ____ ns t wr write recovery time 2 ____ 2 ____ 2 ____ ns t dw data valid to end-of-write 15 ____ 15 ____ 15 ____ ns t hz output high-z time (1,2) ____ 12 ____ 15 ____ 20 ns t dh data hold time (4 ) 0 ____ 0 ____ 0 ____ ns t wz w rite enable to output in high-z (1,2) ____ 12 ____ 15 ____ 20 ns t ow outp ut a ctive fro m end -o f-write (1 , 2 ,4 ) 3 ____ 3 ____ 3 ____ ns t swrd sem flag write to re ad time 5 ____ 5 ____ 5 ____ ns t sps sem flag contention window 5 ____ 5 ____ 5 ____ ns 3190 tbl 13b
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 10 , 585. ' !4 w  (,   !:!d# notes: 1. r/ w or ce must be high during all address transitions. 2. a write occurs during the overlap (t ew or t wp ) of a low ce and a low r/ w for memory array writing cycle. 3. t wr is measured from the earlier of ce or r/ w (or sem or r/ w ) going high to the end of write cycle. 4. during this period, the i/o pins are in the output state and input signals must not be applied. 5. if the ce or sem low transition occurs simultaneously with or after the r/ w low transition, the outputs remain in the high-impedance state. 6. timing depends on which enable signal is asserted last, ce or r/ w . 7. this parameter is guaranteed by device characterization but is not production tested. transition is measured 0mv from stead y state with the output test load (figure 2). 8. if oe is low during r/ w controlled write cycle, the write pulse width must be the larger of t wp or (t wz + t dw ) to allow the i/o drivers to turn off and data to be placed on the bus for the required t dw . if oe is high during an r/ w controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified t wp . 9. to access ram, ce = v il and sem = v ih . to access semaphore, ce = v ih and sem = v il . t ew must be met for either condition. , 585. '! ce  (,   !:# r/ w t wc t hz t aw t wr t as t wp data out (2) t wz t dw t dh t ow oe address data in ce or sem (6) (4) (4) (3) 3190 drw 09 (7) (9) (7) t lz 3190 drw 10 t wc t as t wr t dw t dh address data in ce or sem r/ w t aw t ew (3) (2) (6) (9)
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 11 , 58-0(5, !70-(  # notes: 1. d or = d ol =v ih , ce r = ce l =v ih . 2. all timing is the same for left and right ports. port ? a ? may be either left or right port. ? b ? is the opposite port from ? a ? . 3. this parameter is measured from r/ w ? a ? or sem ? a ? going high to r/ w ? b ? or sem ? b ? going high. 4. if t sps is not satisfied, there is no guarantee which side will obtain the semaphore flag. , 58-05 (  !"!b# notes: 1. ce = v ih for the duration of the above timing (both write and read cycle). 2. ? data out valid ? represents all i/o's (i/o 0 -i/o 8 ) equal to the semaphore value. sem 3190 drw 11 t aw t sop i/o valid address t saa r/ w t wr t oh t ace valid address data in valid data out t dw t dh t as t aoe read cycle write cycle a 0 -a 2 oe valid (2) t swrd t ew t wp sem "a" 3190 drw 12 t sps match r/ w "a" match a 0"a" -a 2"a" side "a" (2) sem "b" r/ w "b" side "b" (2) a 0"b" -a 2"b"
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 12 7  0  )80 ) ,  (- ./  %# notes: 1. port-to-port delay through ram cells from writing port to reading port, refer to "timing waveformof write with port-to-port r ead and busy (m/ s = v ih )". 2. to ensure that the earlier of the two ports wins. 3. t bdd is a calculated parameter and is the greater of 0, t wdd ? t wp (actual) or t ddd ? t dw (actual). 4. to ensure that the write cycle is inhibited on port "b" during contention on port "a". 5. to ensure that a write cycle is completed on port "b" after contention on port "a". 6. 'x' in part numbers indicates power rating (s or l). 7016x12 com'l only 7016x15 com'l only symbol parameter min. max. min. max. unit busy timing (m/ s = v ih ) t baa busy access time from address match ____ 12 ____ 15 ns t bda busy disable time from address not matched ____ 12 ____ 15 ns t bac busy acce ss time from chip enable low ____ 12 ____ 15 ns t bdc busy disab le time from chip enable high ____ 12 ____ 15 ns t aps arbitration priority set-up time (2 ) 5 ____ 5 ____ ns t bdd busy disable to valid data (3 ) ____ 15 ____ 18 ns t wh write hold after busy (5 ) 11 ____ 13 ____ ns busy input timing (m/ s = v il ) t wb busy input to write (4 ) 0 ____ 0 ____ ns t wh write hold after busy (5 ) 11 ____ 13 ____ ns port-to-port delay timing t wdd write pulse to data delay (1 ) ____ 25 ____ 30 ns t ddd write data valid to read data delay (1 ) ____ 20 ____ 25 ns 3190 tbl 14 a 7016x20 com'l, ind & military 7016x25 com'l & military 7016x35 com'l & military symbol parameter min.max.min.max.min.max.unit busy timing (m/ s = v ih ) t baa busy access time from address match ____ 20 ____ 20 ____ 20 ns t bda busy disable time from address not matched ____ 20 ____ 20 ____ 20 ns t bac busy acce ss time from chip enable low ____ 20 ____ 20 ____ 20 ns t bdc busy disab le time from chip enable high ____ 17 ____ 17 ____ 20 ns t aps arbitration priority set-up time (2 ) 5 ____ 5 ____ 5 ____ ns t bdd busy disable to valid data (3 ) ____ 30 ____ 30 ____ 35 ns t wh write hold after busy (5 ) 15 ____ 17 ____ 25 ____ ns busy input timing (m/ s = v il ) t wb busy inp ut to w rite (4 ) 0 ____ 0 ____ 0 ____ ns t wh write hold after busy (5 ) 15 ____ 17 ____ 25 ____ ns port-to-port delay timing t wdd write puls e to data de lay (1 ) ____ 45 ____ 50 ____ 60 ns t ddd write data valid to read data delay (1 ) ____ 30 ____ 35 ____ 45 ns 3190 tbl 14b
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 13 3190 drw 13 t dw t aps addr "a" t wc data out "b" match t wp r/ w "a" data in "a" addr "b" t dh valid (1) match busy "b" t bda valid t bdd t ddd (3) t wdd , 58(c0 busy !b!:#  *4 s 9/ 2e # , 585c0 busy "# notes: 1. t wh must be met for both busy input (slave) and output (master). 2. busy is asserted on port "b" blocking r/ w "b" , until busy "b" goes high. 3. all timing is the same for left and right ports. port "a" may be either the left or right port. port "b" is the port opposite from port "a". notes: 1. to ensure that the earlier of the two ports wins. t aps is ignored for m/ s =v il . 2. ce l = ce r = v il . 3. oe = v il for the reading port. 4. if m/ s =v il (slave), busy is an input. then for this example busy ? a ? = v ih and busy ? b ? input is shown above. 5. all timing is the same for left and right ports. port "a" may be either the left or right port. port "b" is the port opposite from port "a". 3190 drw 14 r/ w "a" busy "b" t wp t wb r/ w "b" t wh (1) (2)
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 14 7  0  )80 ) ,  (- ./   # 58 busy 1  (1. ce ,   #  *4 s 9/ 2e # 58 busy 1 .  (1.((* 0 ,   # *4 s 9/ 2e # notes: 1. all timing is the same for left and right ports. port ? a ? may be either the left or right port. port ? b ? is the port opposite from ? a ? . 2. if t aps is not satisfied, the busy signal will be asserted on one side or another but there is no guarantee on which side busy will be asserted. notes: 1. 'x' in part numbers indicates power rating (s or l). 3190 drw 15 addr "a" and "b" addresses match ce "a" ce "b" busy "b" t aps t bac t bdc (2) 3190 drw 16 addr "a" address "n" addr "b" busy "b" t aps t baa t bda (2) matching address "n" 7016x12 com'l only 7016x15 com'l only symbol parameter min. max. min. max. unit interrupt timing t as address set-up time 0 ____ 0 ____ ns t wr write recovery time 0 ____ 0 ____ ns t in s inte rrup t s e t tim e ____ 12 ____ 15 ns t in r inte rrup t re se t tim e ____ 12 ____ 15 ns 3190 tbl 15a 7016x20 com'l, ind & military 7016x25 com'l & military 7016x35 com'l & military symbol parameter min.max.min.max.min.max.unit interrupt timing t as address set-up time 0 ____ 0 ____ 0 ____ ns t wr write recovery time 0 ____ 0 ____ 0 ____ ns t in s inte rrup t s e t tim e ____ 20 ____ 20 ____ 25 ns t in r inte rrup t re se t tim e ____ 20 ____ 20 ____ 25 ns 3190 tbl 15b
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 15 582  ,   # , 0,1222f2  
  # notes: 1. all timing is the same for left and right ports. port ? a ? may be either the left or right port. port ? b ? is the port opposite from ? a ? . 2. see interrupt truth table. 3. timing depends on which enable signal ( ce or r/ w ) is asserted last. 4. timing depends on which enable signal ( ce or r/ w ) is de-asserted first. notes: 1. assumes busy l = busy r = v ih . 2. if busy l = v il , then no change. 3. if busy r = v il , then no change. 3190 drw 17 addr "a" interrupt set address ce "a" r/ w "a" t as t wc t wr (3) (4) t ins (3) int "b" (2) 3190 drw 18 addr "b" interrupt clear address ce "b" oe "b" t as t rc (3) t inr (3) int "b" (2) left port right port function r/ w l ce l oe l a 13l -a 0l int l r/ w r ce r oe r a 13r -a 0r int r llx3fffxxxx x l (2) set rig ht int r flag xxxxxxll3fff h (3) reset right int r flag xxx x l (3) llx3ffexset left int l flag xll3ffe h (2) x x x x x re se t left int l flag 31 90 tb l 16
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 16 , 0,12/f(( busy 1 notes: 1. pins busy l and busy r are both outputs when the part is configured as a master. both are inputs when configured as a slave. busy x outputs on the idt7016 are push-pull, not open drain outputs. on slaves the busy x input internally inhibits writes. 2. "l" if the inputs to the opposite port were stable prior to the address and enable inputs of this port. "h" if the inputs to the opposite port became stable after the address and enable inputs of this port. if t aps is not met, either busy l or busy r = low will result. busy l and busy r outputs can not be low simultaneously. 3. writes to the left port are internally ignored when busy l outputs are driving low regardless of actual logic level on the pin. writes to the right port are internally ignored when busy r outputs are driving low regardless of actual logic level on the pin. , 0,1/f7+-0  -g    !!"# notes: 1. this table denotes a sequence of events for only one of the eight semaphores on the idt7016. 2. there are eight semaphore flags written to via i/o 0 and read from all i/o s (i/o 0 - i/o 8 ). these eight semaphores are addressed by a 0 - a 2 . e. ce = v ih , sem = v il to access the semaphores. refer to the semaphore read/write truth table. where a write is defined as the ce = r/ w = v il per truth table iii. the left port clears the interrupt by an address location 3ffe access when ce r = oe r =v il , r/ w is a "don't care". likewise, the right port interrupt flag (int r ) is asserted when the left port writes to memory location 3fff and to clear the interrupt flag (int r ), the right port must access memory location 3fff. the message (9 bits) at 3ffe or 3fff is user-defined since it is in an addressable sram location. if the interrupt function is not used, address locations 3ffe and 3fff are not used as mail boxes but are still part of the random access memory. refer to truth table iii for the interrupt operation.
   the idt7016 provides two ports with separate control, address and i/o pins that permit independent access for reads or writes to any location in memory. the idt7016 has an automatic power down feature controlled by ce . the ce controls on-chip power down circuitry that permits the respective port to go into a standby mode when not selected ( ce high). when a port is enabled, access to the entire memory array is permitted. 2   if the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. the left port interrupt flag ( int l ) is asserted when the right port writes to memory location 3ffe inputs outputs function ce l ce r a ol -a 13l a or -a 13r busy l (1 ) busy r (1 ) xxno match h h normal h x match h h normal x h match h h normal l l match (2) (2) write inhibit (3 ) 3190 tbl 17 functions d 0 - d 8 left d 0 - d 8 right status no action 1 1 semaphore free left port writes "0" to semaphore 0 1 left port has semaphore token right port writes "0" to semaphore 0 1 no change. right side has no write access to semaphore left port writes "1" to semaphore 1 0 right port obtains semaphore token left port writes "0" to semaphore 1 0 no change. left port has no write access to semaphore right port writes "1" to semaphore 0 1 left port obtains semaphore token left port writes "1" to semaphore 1 1 semaphore free right port writes "0" to semaphore 1 0 right port has semaphore token right port writes "1" to semaphore 1 1 semaphore free left port writes "0" to semaphore 0 1 left port has semaphore token left port writes "1" to semaphore 1 1 semaphore free 3190 tbl 18
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 17 figure 3. busy and chip enable routing for both width and depth expansion with idt7016 rams. left port in no way slows the access time of the right port. both ports are identical in function to standard cmos static ram and can be read from, or written to, at the same time with the only possible conflict arising from the simultaneous writing of, or a simultaneous read/write of, a non- semaphore location. semaphores are protected against such ambiguous situations and may be used by the system program to avoid any conflicts in the non-semaphore portion of the dual-port ram. these devices have an automatic power-down feature controlled by ce , the dual-port ram enable, and sem , the semaphore enable. the ce and sem pins control on-chip power down circuitry that permits the respective port to go into standby mode when not selected. this is the condition which is shown in truth table i where ce and sem are both high. systems which can best use the idt7016 contain multiple processors or controllers and are typically very high-speed systems which are software controlled or software intensive. these systems can benefit from a performance increase offered by the idt7016's hardware semaphores, which provide a lockout mechanism without requiring complex program- ming. software handshaking between processors offers the maximum in system flexibility by permitting shared resources to be allocated in varying configurations. the idt7016 does not use its semaphore flags to control any resources through hardware, thus allowing the system designer total flexibility in system architecture. an advantage of using semaphores rather than the more common methods of hardware arbitration is that wait states are never incurred in either processor. this can prove to be a major advantage in very high- speed systems. ec0-0
5 the semaphore logic is a set of eight latches which are independent of the dual-port ram. these latches can be used to pass a flag, or token, from one port to the other to indicate that a shared resource is in use. the semaphores provide a hardware assist for a use assignment method called ? token passing allocation. ? in this method, the state of a semaphore latch is used as a token indicating that shared resource is in use. if the left processor wants to use this resource, it requests the token by setting the latch. this processor then verifies its success in setting the latch by reading it. if it was successful, it proceeds to assume control over the shared resource. if it was not successful in setting the latch, it determines that the right side processor has set the latch first, has the token and is using the shared resource. the left processor can then either repeatedly request that semaphore ? s status or remove its request for that semaphore to  .a busy logic provides a hardware indication that both ports of the ram have accessed the same location at the same time. it also allows one of the two accesses to proceed and signals the other side that the ram is ? busy ? . the busy pin can then be used to stall the access until the operation on the other side is completed. if a write operation has been attempted from the side that receives a busy indication, the write signal is gated internally to prevent the write from proceeding. the use of busy logic is not required or desirable for all applications. in some cases it may be useful to logically or the busy outputs together and use any busy indication as an interrupt source to flag the event of an illegal or illogical operation. if the write inhibit function of busy logic is not desirable, the busy logic can be disabled by placing the part in slave mode with the m/ s pin. once in slave mode the busy pin operates solely as a write inhibit input pin. normal operation can be programmed by tying the busy pins high. if desired, unintended write operations can be prevented to a port by tying the busy pin for that port low. the busy outputs on the idt7016 ram in master mode, are push- pull type outputs and do not require pull up resistors to operate. if these rams are being expanded in depth, then the busy indication for the resulting array requires the use of an external and gate. 5(07+   .a *4-8. when expanding an idt7016 ram array in width while using busy logic, one master part is used to decide which side of the ram array will receive a busy indication, and to output that indication. any number of slaves to be addressed in the same address range as the master use the busy signal as a write inhibit signal. thus on the idt7016 ram the busy pin is an output if the part is used as a master (m/ s pin = h), and the busy pin is an input if the part used as a slave (m/ s pin = l) as shown in figure 3. if two or more master parts were used when expanding in width, a split decision could result with one master indicating busy on one side of the array and another master indicating busy on one other side of the array. this would inhibit the write operations from one port for part of a word and inhibit the write operations from the other port for the other part of the word. the busy arbitration, on a master, is based on the chip enable and address signals only. it ignores whether an access is a read or write. in a master/slave array, both address and chip enable must be valid long enough for a busy flag to be output from the master before the actual write pulse can be initiated with the r/ w signal. failure to observe this timing can result in a glitched internal write inhibit signal and corrupted data in the slave. -0 the idt7016 are extremely fast dual-port 16kx9 static rams with an additional 8 address locations dedicated to binary semaphore flags. these flags allow either processor on the left or right side of the dual-port ram to claim a privilege over the other processor for functions defined by the system designer ? s software. as an example, the semaphore can be used by one processor to inhibit the other from accessing a portion of the dual-port ram or any other shared resource. the dual-port ram features a fast access time, and both ports are completely independent of each other. this means that the activity on the 3190 drw 19 master dual port ram busy (l) busy (r) ce master dual port ram busy (l) busy (r) ce slave dual port ram busy (l) busy (r) ce slave dual port ram busy (l) busy (r) ce busy (l) busy (r) d e c o d e r
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 18 semaphore flag will force its side of the semaphore flag low and the other side high. this condition will continue until a one is written to the same semaphore request latch. should the other side ? s semaphore request latch have been written to a zero in the meantime, the semaphore flag will flip over to the other side as soon as a one is written into the first side ? s request latch. the second side ? s flag will now stay low until its semaphore request latch is written to a one. from this it is easy to understand that, if a semaphore is requested and the processor which requested it no longer needs the resource, the entire system can hang up until a one is written into that semaphore request latch. the critical case of semaphore timing is when both sides request a single token by attempting to write a zero into it at the same time. the semaphore logic is specially designed to resolve this problem. if simulta- neous requests are made, the logic guarantees that only one side receives the token. if one side is earlier than the other in making the request, the first side to make the request will receive the token. if both requests arrive at the same time, the assignment will be arbitrarily made to one port or the other. one caution that should be noted when using semaphores is that semaphores alone do not guarantee that access to a resource is secure. as with any powerful programming technique, if semaphores are misused or misinterpreted, a software error can easily happen. initialization of the semaphores is not automatic and must be handled via the initialization program at power-up. since any semaphore request flag which contains a zero must be reset to a one, all semaphores on both sides should have a one written into them at initialization from both sides to assure that they will be free when needed.  -0f-7+ perhaps the simplest application of semaphores is their application as resource markers for the idt7016 ? s dual-port ram. say the 16k x 9 ram was to be divided into two 8k x 9 blocks which were to be dedicated at any one time to servicing either the left or right port. semaphore 0 could be used to indicate the side which would control the lower section of memory, and semaphore 1 could be defined as the indicator for the upper section of memory. to take a resource, in this example the lower 8k of dual-port ram, the processor on the left port could write and then read a zero in to semaphore 0. if this task were successfully completed (a zero was read back rather than a one), the left processor would assume control of the lower 8k. meanwhile the right processor was attempting to gain control of the resource after the left processor, it would read back a one in response to the zero it had attempted to write into semaphore 0. at this point, the software could choose to try and gain control of the second 8k section by writing, then reading a zero into semaphore 1. if it succeeded in gaining control, it would lock out the left side. once the left side was finished with its task, it would write a one to semaphore 0 and may then try to gain access to semaphore 1. if semaphore 1 was still occupied by the right side, the left side could undo its semaphore request and perform other tasks until it was able to write, then read a zero into semaphore 1. if the right processor performs a similar task with semaphore 0, this protocol would allow the two processors to swap 8k blocks of dual-port ram with each other. the blocks do not have to be any particular size and can even be variable, depending upon the complexity of the software using the perform another task and occasionally attempt again to gain control of the token via the set and test sequence. once the right side has relinquished the token, the left side should succeed in gaining control. the semaphore flags are active low. a token is requested by writing a zero into a semaphore latch and is released when the same side writes a one to that latch. the eight semaphore flags reside within the idt7016 in a separate memory space from the dual-port ram. this address space is accessed by placing a low input on the sem pin (which acts as a chip select for the semaphore flags) and using the other control pins (address, oe , and r/ w ) as they would be used in accessing a standard static ram. each of the flags has a unique address which can be accessed by either side through address pins a 0 ? a 2 . when accessing the semaphores, none of the other address pins has any effect. when writing to a semaphore, only data pin d 0 is used. if a low level is written into an unused semaphore location, that flag will be set to a zero on that side and a one on the other side (see truth table v). that semaphore can now only be modified by the side showing the zero. when a one is written into the same location from the same side, the flag will be set to a one for both sides (unless a semaphore request from the other side is pending) and then can be written to by both sides. the fact that the side which is able to write a zero into a semaphore subsequently locks out writes from the other side is what makes semaphore flags useful in interprocessor communications. (a thorough discussion on the use of this feature follows shortly.) a zero written into the same location from the other side will be stored in the semaphore request latch for that side until the semaphore is freed by the first side. when a semaphore flag is read, its value is spread into all data bits so that a flag that is a one reads as a one in all data bits and a flag containing a zero reads as all zeros. the read value is latched into one side ? s output register when that side's semaphore select ( sem ) and output enable ( oe ) signals go active. this serves to disallow the semaphore from changing state in the middle of a read cycle due to a write cycle from the other side. because of this latch, a repeated read of a semaphore in a test loop must cause either signal ( sem or oe ) to go inactive or the output will never change. a sequence write/read must be used by the semaphore in order to guarantee that no system level contention will occur. a processor requests access to shared resources by attempting to write a zero into a semaphore location. if the semaphore is already in use, the semaphore request latch will contain a zero, yet the semaphore flag will appear as one, a fact which the processor will verify by the subsequent read (see truth table v). as an example, assume a processor writes a zero to the left port at a free semaphore location. on a subsequent read, the processor will verify that it has written successfully to that location and will assume control over the resource in question. meanwhile, if a processor on the right side attempts to write a zero to the same semaphore flag it will fail, as will be verified by the fact that a one will be read from that semaphore on the right side during subsequent read. had a sequence of read/write been used instead, system contention problems could have occurred during the gap between the read and write cycles. it is important to note that a failed semaphore request must be followed by either repeated reads or by writing a one into the same location. the reason for this is easily understood by looking at the simple logic diagram of the semaphore flag in figure 4. two semaphore request latches feed into a semaphore flag. whichever latch is first to present a zero to the
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 19 semaphore flags. all eight semaphores could be used to divide the dual- port ram or other shared resources into eight parts. semaphores can even be assigned different meanings on different sides rather than being given a common meaning as was shown in the example above. semaphores are a useful form of arbitration in systems like disk interfaces where the cpu must be locked out of a section of memory during a transfer and the i/o device cannot tolerate any wait states. with the use of semaphores, once the two devices has determined which memory area was ? off-limits ? to the cpu, both the cpu and the i/o devices could access their assigned portions of memory continuously without any wait states. semaphores are also useful in applications where no memory ? wait ? state is available on one or both sides. once a semaphore handshake has been performed, both processors can access their assigned ram figure 4. idt7016 semaphore logic d 3190 drw 20 0 d q write d 0 d q write semaphore request flip flop semaphore request flip flop lport rport semaphore read semaphore read , segments at full speed. another application is in the area of complex data structures. in this case, block arbitration is very important. for this application one processor may be responsible for building and updating a data structure. the other processor then reads and interprets that data structure. if the interpreting processor reads an incomplete data structure, a major error condition may exist. therefore, some sort of arbitration must be used between the two different processors. the building processor arbitrates for the block, locks it and then is able to go in and update the data structure. when the update is completed, the data structure block is released. this allows the interpreting processor to come back and read the complete data structure, thereby guaranteeing a consistent data structure.
6.42 idt7016s/l high-speed 16k x 9 dual-port static ram military, industrial and commercial temperature ranges 20 )( 2  note: 1. contact your local sales office for industrial temp range for other speeds, packages and powers. 3190 drw 21 a power 999 speed a package a process/ temperature range blank i (1) b commercial (0 cto+70 c) industrial (-40 cto+85 c) military (-55 cto+125 c) compliant to mil-prf-38535 qml pf g j 80-pin tqfp (pn80-1) 68-pin pga (g68-1) 68-pin plcc (j68-1) 12 15 20 25 35 commercial only commercial only com'l, ind & military commercial & military commercial & military s l standard power low power xxxxx device type idt speed in nanoseconds 7016 144k (16k x 9) dual-port ram corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 831-754-4613 santa clara, ca 95054 fax: 408-492-8674 dualporthelp@idt.com www.idt.com the idt logo is a registered trademark of integrated device technology, inc. 0  e. 1/11/99: initiated datasheet document history converted to new format cosmetic and typographical corrections pages 2 and 3 added additional notes to pin configurations 6/3/99 changed drawing format page 1 corrected dsc number 11/10/99: replaced idt logo 5/19/00: page 4 increased storage temperature parameter clarified t a parameter page 6 dc electrical parameters ? changed wording from open to disabled changed 200mv to 0mv in notes 01/10/02: pages 2 & 3 added date revision for pin configurations pages 4, 6, 7, 9 & 12 removed industrial temp footnote from all tables pages 6, 7, 9, 12 & 14 added industrial temp for 20ns speed to dc and ac electrical characteristics page 20 added industrial temp offering to 20ns ordering information pages 1 & 20 replaced tm logo with ? logo


▲Up To Search▲   

 
Price & Availability of IDT7016L20PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X